PART |
Description |
Maker |
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
BSS125 Q67000-S233 Q62702-S021 Q67000-S008 BSS125Q |
N-Channel SIPMOS Small-Signal Transistor SIPMOS ? Small-Signal Transistor 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor Transient Voltage Suppressor Diodes SIPMOS Small-Signal Transistor (N channel Enhancement mode) SIPMOS小信号晶体管N通道增强模式 SIPMOS Small-Signal Transistor (N channel Enhancement mode) 100 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
2N7002DW-7 |
115 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ULTRA SMALL, PLASTIC PACKAGE-6
|
Diodes, Inc.
|
KD3070M KD3071M KV3994 KD5339 KV5319 KD5197 WD5197 |
P-CHANNEL, Si, SMALL SIGNAL, JFET 0.015 X 0.020 INCH, DIE-2 P-CHANNEL, Si, SMALL SIGNAL, JFET 0.013 X 0.016 INCH, DIE-2 N-CHANNEL, Si, SMALL SIGNAL, JFET P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Solitron Devices, Inc. SOLITRON DEVICES INC
|
2N4938 2N6502 MD2369 MD2369A MD2369B MD7003 MD7003 |
Leaded Small Signal Transistor Dual HSD 8 ROW 10 COL OPEN END BP ASSY Dual Transistors 30 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 500 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
CENTRAL[Central Semiconductor Corp] Motorola, Inc Central Corp Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
UPD71088G-8 |
8 MHz, CONTROL AND CMD SIG GEN, PDSO20 0.300 INCH, PLASTIC, SOP-20
|
Vishay Semiconductors
|
SI4913DY-T1-E3 |
TRANSISTOR 7100 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
BSS192 Q62702-S634 |
SIPMOS ? Small-Signal Transistor SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level) 150 mA, 240 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
SIEMENS A G SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG NXP Semiconductors N.V.
|
223016-2 |
2mm Centerline Futurebus Connectors ( Z-PACK 2mm FB ); FB-5R,ASY,060,SIG,HDR,EN,4.25 ( AMP )
|
Tyco Electronics
|
2SJ289JFTD 2SJ189-TL 2SK1839JJTL |
0.5 A, 100 V, 7.5 ohm, P-CHANNEL, Si, POWER, MOSFET PCP, SC-62, 3 PIN 4000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-251 100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
DOMINANT Opto Technologies Sdn. Bhd.
|
2N2223 2N2914 2N2915A 2N2916A 2N2917 2N2919 2N2919 |
Dual Transistors 40 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 300 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 30 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 30 mA, 60 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 200 mA, 15 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Leaded Small Signal Transistor Dual
|
Thomas Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
DMN5L06V-7 DMN5L06VA-7 |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 280 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc.
|
|